Part Number Hot Search : 
KA3843AM IRDC3894 ST7L05 PQ100 DS0475 E13003 PC11C 2SD1616U
Product Description
Full Text Search
 

To Download MBRS20150CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MBRS2035CT - MBRS20150CT
20.0 AMPS. Surface Mount Schottky Barrier Rectifiers D2PAK
Features
For surface mounted application Plastic material used carries Underwriters Laboratory Classifications 94V-0 Metal silicon junction, majority carrier conduction Low power loss, high efficiency High current capability, low forward voltage drop High surge capability For use in low voltage, high frequency inverters, free wheeling, and polarity protection applications Guardring for overvoltage protection Highotemperature soldering guaranteed: 260 C/10 seconds at terminals
Mechanical Data
Cases: JEDEC D PAK molded plastic Terminals: Pure tin plated, lead free. solderable per MIL-STD-750, Method 2026 Polarity: As marked Mounting position: Any Mounting torque: 5 in. - lbs. max Weight: 0.06 ounce, 1.70 grams
2
Dimensions in inches and (millimeters)
Rating at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20% Symbol MBRS MBRS Type Number
2035 CT 2045 CT
Maximum Ratings and Electrical Characteristics o
MBRS MBRS MBRS MBRS MBRS 2050 2060 2090 20100 20150 CT CT CT CT CT
Units
V V V A A A A
Maximum Recurrent Peak Reverse Voltage VRRM 35 45 50 60 90 100 150 Maximum RMS Voltage VRMS 24 31 35 42 63 70 105 Maximum DC Blocking Voltage VDC 35 45 50 60 90 100 150 Maximum Average Forward Rectified Current I(AV) 20 o at TC=135 C Peak Repetitive Forward Current (Rated VR, IFRM 20.0 Square Wave, 20KHz) at Tc=135oC Peak Forward Surge Current, 8.3 ms Single IFSM 150 Half Sine-wave Superimposed on Rated Load (JEDEC method ) Peak Repetitive Reverse Surge Current IRRM 1.0 0.5 (Note 1) Maximum Instantaneous Forward Voltage at (Note 2) IF=10A, Tc=25oC 0.80 0.85 0.99 IF=10A, Tc=125oC VF 0.57 0.70 0.75 0.87 o IF=20A, Tc=25 C 0.95 0.95 0.84 1.23 o IF=20A, Tc=125 C 0.85 0.85 0.72 1.10 Maximum Instantaneous Reverse Current IR @ Tc=25 oC at Rated DC Blocking Voltage 0.1 0.1 1.0 @ Tc=125 oC 15 10 5.0 Voltage Rate of Change, (Rated VR) dV/dt 10,000 Typical Thermal Resistance Per Leg (Note 3) RJC 1.5 2.0 Operating Junction Temperature Range TJ -65 to +150 Storage Temperature Range TSTG -65 to +175 Notes: 1. 2.0us Pulse Width, f=1.0 KHz 2. Pulse Test: 300us Pulse Width, 1% Duty Cycle 3. Thermal Resistance from Junction to Case Per Leg, with Heatsink Size (4"x6"x0.25") Al-Plate.
V
mA mA
o
V/uS
C/W o C o C
- 66 -
Version: B07
RATINGS AND CHARACTERISTIC CURVES (MBRS2035CT THRU MBRS20150CT)
FIG.1- FORWARD CURRENT DERATING CURVE
20 PEAK FORWARD SURGE CURRENT. (A) AVERAGE FORWARD CURRENT. (A) RESISTIVE OR INDUCTIVE LOAD 16 150 Tj=Tj max. 8.3ms Single Half Sine Wave JEDEC Method
FIG.2- MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT PER LEG
125
12
100 75
8
50
4
25
0
0
50
100
o
150
0 1 10 NUMBER OF CYCLES AT 60Hz 100
CASE TEMPERATURE. ( C)
40
FIG.3- TYPICAL INSTANT ANEOUS FORWARD CHARACTERISTICS PER LEG
50
FIG.4- TYPICAL REVERSE CHARACTERISTICS PER LEG
INSTANTANEOUS FORWARD CURRENT. (A)
Pulse Width=300 s 1% Duty Cycle
INSTANTANEOUS REVERSE CURRENT. (mA)
10
Tj=150 0C
10
Tj=125 0C 1
1 Tj=25 0C
Tj=75 0C 0.1
0.1
0.01
Tj=25 0C
MBRS2035CT-MBRS2045CT MBRS2050CT & MBRS2060CT MBRS20150CT
MBRS2035CT-MBRS2045CT MBRS2050CT & MBRS20150CT
0.01 0
0.001
0.1
0.2
0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 FORWARD VOLT AGE. (V)
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLT AGE. (%)
FIG.5- TYPICAL JUNCTION CAPACIT ANCE PER LEG
5,000
0 Tj=25C f=1.0MHz Vsig=50mVp-p
FIG.6- TYPICAL TRANSIENT THERMAL IMPEDANCE PER LEG
TRANSIENT THERMAL IMPEDANCE. ( OC/W) 100
JUNCTION CAPACITANCE.(pF)
10.0
1,000
1
MBRS2035CT-MBRS2045CT MBRS2050CT & MBRS20150CT
100 0.1 1 10 REVERSE VOLTAGE. (V) 100
0.1 0.01
0.1
1 T, PULSE DURATION. (sec)
10
100
Version: B07


▲Up To Search▲   

 
Price & Availability of MBRS20150CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X